Electronic Components Datasheet Search
  English  ▼

X  

VIS102B Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VIS102B
Description  HEATWAVE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VIS102B Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VIS102B Datasheet HTML 1Page - Communications & Power Industries, Inc. VIS102B Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
VIS-102B (March 15, 2006)
Communications & Power Industries, Inc., Beverly Microwave Division, 150 Sohier Rd., Beverly, MA 01915-5595, Tel 978-922-6000
HEATWAVE
TECHNICAL DATA
This data sheet supersedes any technical data sheet having a
date prior to
March 15, 2006
VIS-102B
2.45 GHz, 60 KW
Industrial
Microwave
Power System
DESCRIPTION
This integrated industrial microwave power system uses a CPI
VKS-7960A klystron, designed for industrial service, as the
energy source. By using the high-efficiency, 2.45-GHz, 60 kW
CW klystron in combination with modern control and power-
supply technology, CPI is able to furnish a compact, user-
friendly, cost-effective industrial system.
The system’s control center is an embedded microprocessor
architecture which provides flexibility in selecting system
operating parameters. Operation is initiated by two independent
external enable commands. Control of the system is through a
web-based browser via a direct Ethernet or web-based
connection. Operational data is logged in the controller’s on-
board flash memory. The logged data may be uploaded to the
external computer via the Ethernet connection for use in off-
line troubleshooting or other purposes.
The high-voltage power supply consists of a phase-angle
adjustable SCR controller, a step-up transformer and a full-
wave-bridge rectifier. There is no filter capacitor on the output
of the rectifier, thus very little stored energy, which eliminates
the need for a crowbar. As such, the DC output will have a
ripple voltage of 10% p-p. This has the advantage of causing
RF output amplitude and phase variation which facilitates mode
stirring and potentially a more even heating of the process.
System interlocks will remove the high voltage in less than 10
ms in the event of a fault. In addition, the klystron beam (high
voltage) power supply is remotely located. This makes it
possible to offer the VIS-102B in a corrosion resistant sealed
stainless steel 2-bay enclosure. Cooling for the system is 100%
via water; ambient air is not used for cooling purposes. A small
flow of clean air is used to slightly pressurize the enclosure and
keep potentially corrosive local ambient air from entering the
inside of the enclosure.
VIS-102B
TECHNICAL CHARACTERISTICS
OUTPUT
CW Power Operation:
Adjustable to 60 kW, maximum. Continuous control range in excess of 27 dB.
Frequency:
2.45 GHz nominal. Tunable over plus or minus 5 MHz
Waveguide:
WR-430
Waveguide Arc Detector:
Standard. The Klystron window and the waveguide are protected by the control system,
which will interrupt the RF drive power if arcs occur in the waveguide near the
klystron.
Forward and Reflected Power Monitor:
A directional coupler at the klystron output is included. Excessive reflected power will
also interrupt the RF drive power. A liquid-cooled, waveguide circulator capable of
dissipating the full system power is available as an option.


Similar Part No. - VIS102B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VISH-S-A0009354706-1 VISHAY-VISH-S-A0009354706-1 Datasheet
243Kb / 13P
UVA Light Sensor With I2C Interface
Rev. 2.0, 12-Sep-2019
logo
Texas Instruments
VishayCRCW12061001F TI1-VishayCRCW12061001F Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
VishayCRCW12063011F TI1-VishayCRCW12063011F Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
VishayCRCW12063243F TI1-VishayCRCW12063243F Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
VishayCRCW12063323F TI1-VishayCRCW12063323F Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - VIS102B

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VIA-301 CPI-VIA-301 Datasheet
148Kb / 4P
HeatWave Model
logo
Keysight Technologies
W2590ET KEYSIGHT-W2590ET Datasheet
564Kb / 4P
HeatWave Electro-Thermal Simulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com