Electronic Components Datasheet Search
  English  ▼

X  

ZADCS146 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS146 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
3/19
1 General Device Specification
1.1
Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VDD-GND
VDD to AGND, DGND
-0.3
6
V
VAGND-DGND
AGND to DGND
-0.3
0.3
V
CH0 – CH7, COM to AGND, DGND
-0.3
VDD+0.3
V
VREF, VREFADJ to AGND
-0.3
VDD+0.3
V
Digital Inputs to DGND
-0.3
6
V
Digital Outputs to DGND
-0.3
VDD+0.3
V
Digital Output Sink Current
25
mA
Iin
Input current into any pin except supply pins (Latch-Up)
-100
100
mA
VHBM
Electrostatic discharge – Human Body Model (HBM)
2000
V
1
qJCT
Maximum Junction Temperature
+150°
°C
Operating Temperature Range
qOP
ZADCS146VIS20 / ZADCS147IS20
-25
+85
°C
qSTG
Storage temperature
-65
+150
°C
qlead
Lead Temperature 100%Sn
JEDEC-J-STD-20C 260
°C
H
Humidity non-condensing
2
Ptot
Total power dissipation
250
mW
Thermal resistance of Package
Rthj
SSOP20 / 5.3mm
100
K/W
1
HBM: C = 100pF charged to VHBM with resistor R = 1.5kW in series, valid for all pins
2
Level 4 according to JEDEC-020A is guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com