Electronic Components Datasheet Search
  English  ▼

X  

ZADCS146 Datasheet(PDF) 9 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS146
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS146 Datasheet(HTML) 9 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS146 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS146 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
9/19
(VDD = +5.0V; fSample = 200kHz, fCLK = 16* fSample = 3.2MHz; VREF = 2.500V applied to VREF pin; qOP = +25°C)
Frequency Spectrum
f
IN = 1kHz, 4096 Point FFT
-140
-120
-100
-80
-60
-40
-20
0
20
0
10
20
30
40
50
60
70
80
90
100
Frequency (kHz)
Frequency Spectrum
f
IN = 10kHz, 4096 Point FFT
-140
-120
-100
-80
-60
-40
-20
0
20
0
10
20
30
40
50
60
70
80
90
100
Frequency (kHz)
IDD vs. VDD
0
150
300
450
600
750
900
1050
1200
1350
1500
2.7
3.4
4.1
4.8
5.5
VDD (V)
IDDstatic vs. Temperature
ZADCS146 with internal reference at VDD = 3.3V
500
550
600
650
700
-40
-20
0
20
40
60
80
100
Temperatur (°C)
IDDactive (converting) vs. Temperature
ZADCS146 with internal reference at VDD = 3.3V
900
950
1000
1050
-40
-20
0
20
40
60
80
100
Temperatur (°C)
VREF vs. Temperature
2.496
2.497
2.498
2.499
2.500
2.501
-25
0
25
50
75
Temperature (°C)
IDDactive (converting)
IDDstatic
External VREF
Internal VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com