Electronic Components Datasheet Search
  English  ▼

X  

ZADCS1022 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1022
Description  10-Bit, 250ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1022 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS1022 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
1/20
ZADCS1082/1042/1022
10-Bit, 250ksps, Serial Output ADC Family
Datasheet
Features
·
Single Supply Operation:
+ 2.7V … + 5.25V
·
Family approach providing
2 / 4 / 8-Channel Single-Ended or
1 / 2 / 4-Channel Differential Inputs
·
Up to 250ksps Conversion Rate
·
± 0.4 LSB INL and DNL
·
No Missing Codes
·
> 61 dB SINAD
·
True fully differential Operation
·
Software-Configurable Unipolar or
Bipolar output coding
·
Internal 3.3MHz oscillator for independent
operation from external clock
·
Internal 2.5V Reference
·
Low Power
-
< 1.2mA (250ksps, 5V supply)
-
< 0.5μA (power-down mode)
·
SPI
TM / QSPITM / MICROWIRETM - compatible
4-Wire Serial Interface
·
14 / 16 / 20-Pin SSOP
Applications
·
Data Acquisition
·
Industrial Process Control
·
Portable Data Logging
·
Battery-Powered Systems
Functional Block Diagram
Description
The ZADCS10x2 family is a set of low power, 10-bit, suc-
cessive approximation analog-to-digital (A/D) converters
with up to 250ksps conversion rate, two up to eight input
channels, high-bandwidth track/hold and synchronous
serial interface.
The ADCs operate from a single + 2.7V to + 5.25V supply.
Their analog inputs are software configurable for unipo-
lar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
(QSPI™ and MICROWIRE™) devices without external
logic.
All family devices can use either the external serial-
interface clock or an internal clock to perform successive-
approximation analog-to-digital conversions. The internal
clock can be used to run independent conversions on
more than one device in parallel.
The ZADCS10x2V versions are equipped with a highly
accurate internal 2.5V reference with an additional external
±1.5% voltage adjustment range.
All members of the ZADCS10x2 family provide a hard-
wired shut-down pin (nSHDN) pin and software-selectable
power-down modes that can be programmed to automati-
cally shut down the IC at the end of a conversion. Access-
ing the serial interface automatically powers up the IC. A
quick turn-on time allows the device to be shut down be-
tween all conversions.
8-Channel
Analog
Input
Multiplexer
DAC with
inherent
T&H
SAR
Serial
Interface
and
Control
State
Machine
+ 1.25V
Reference
Internal
3.3 MHz
Oscillator
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFADJ
VREF
AGND
DGND
VDD
nSHDN
SSTRB
DOUT
DIN
SCLK
nCS
+
-
Comparator
x 2.000
Available in ZADCS10x2V versions
IN+
IN-
Available in
ZADCS1042
Available in
ZADCS1082
Available in
ZADCS1022
Starterkit
available


Similar Part No. - ZADCS1022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS1022 ETC2-ZADCS1022 Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
ZADCS1022IS14T ETC2-ZADCS1022IS14T Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
ZADCS1022VIS14T ETC2-ZADCS1022VIS14T Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
More results

Similar Description - ZADCS1022

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX176 MAXIM-MAX176 Datasheet
530Kb / 14P
Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce
19-0025; Rev 1; 12/92
logo
Linear Technology
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
16-Bit, 105Msps Serial Output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
8-Bit, 300ksps, Serial Output ADC Family
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com