Electronic Components Datasheet Search
  English  ▼

X  

ZADCS1022 Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1022
Description  10-Bit, 250ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1022 Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS1022 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS1022 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet
ZADCS1082/1042/1022 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
10/20
1.6
Typical Operating Characteristics
Integral Nonlinearity vs. Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
128
256
384
512
640
768
896
1024
Code
Differential Nonlinearity vs. Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
128
256
384
512
640
768
896
1024
Code
IDD vs. VDD
0
150
300
450
600
750
900
1050
1200
1350
1500
2.7
3.4
4.1
4.8
5.5
VDD (V)
IDDstatic vs. Temperature
ZADCS12x2V, internal reference active, at VDD = 3.3V
500
550
600
650
700
-40
-20
0
20
40
60
80
100
Temperatur (°C)
IDDactive (converting) vs. Temperature
ZADCS12x2V, internal reference active, at VDD = 3.3V
900
950
1000
1050
-40
-20
0
20
40
60
80
100
Temperatur (°C)
VREF vs. Temperature
2.498
2.499
2.500
2.501
-25
0
25
50
75
Temperature (°C)
IDDactive (converting)
IDDstatic
External VREF
Internal VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com