Electronic Components Datasheet Search
  English  ▼

X  

AC-082AST Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # AC-082AST
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082AST Datasheet(HTML) 5 Page - ZETTLER Electronics

  AC-082AST Datasheet HTML 1Page - ZETTLER Electronics AC-082AST Datasheet HTML 2Page - ZETTLER Electronics AC-082AST Datasheet HTML 3Page - ZETTLER Electronics AC-082AST Datasheet HTML 4Page - ZETTLER Electronics AC-082AST Datasheet HTML 5Page - ZETTLER Electronics AC-082AST Datasheet HTML 6Page - ZETTLER Electronics AC-082AST Datasheet HTML 7Page - ZETTLER Electronics AC-082AST Datasheet HTML 8Page - ZETTLER Electronics AC-082AST Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ELECTRO-OPTICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Note
----- Electronic Characteristics -----
Logic Circuit
Supply Voltage
VDD-VSS
--
2.7
--
5.5
V
-20
°C
4.5
4.7
4.9
0
°C
4.45
4.65
4.75
25
°C
4.4
4.6
4.8
50
°C
4.2
4.4
4.6
LCD Driving
Voltage
VDD-VO
70
°C
4.0
4.2
4.4
V
0 ~ 50
°C for
Normal Temp.
type
-20 ~ 70
°C for
Extended Temp.
type
VIH
--
0.7 VDD
--
VDD
V
Input Voltage
VIL
--
VSS
--
0.3 VDD
V
Logic Supply
Current
IDD
VDD = 5V
--
1.0
1.5
mA
----- Optical Characteristics -----
Contrast
CR
25
°C
--
5
--
Note 1
Rise Time
tr
25
°C
--
200
300
ms
Fall Time
tf
25
°C
--
200
300
ms
Note 2
θ f
--
40
--
θ b
--
35
--
θ l
--
35
--
Viewing Angle
Range
θ r
25
°C &
CR
≥2
--
35
--
Deg.
Note 3
Frame Frequency
fF
25
°C
--
64
--
Hz
----- LED Back-light Characteristics -----
Forward Voltage
VF
--
--
4.05
4.3
V
Supply Voltage
between A&K
Forward Current
IF
VF=4.05V
--
70
--
mA
LCM Luminous intensity
VF=4.05V
--
30
--
cd/m2
A
K
* LED Dice number = 2
×7=14
Date : 2001/12/11
AMPIRE CO., LTD.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com