Electronic Components Datasheet Search
  English  ▼

X  

AC-082AST Datasheet(PDF) 7 Page - ZETTLER Electronics

Part # AC-082AST
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082AST Datasheet(HTML) 7 Page - ZETTLER Electronics

Back Button AC-082AST Datasheet HTML 3Page - ZETTLER Electronics AC-082AST Datasheet HTML 4Page - ZETTLER Electronics AC-082AST Datasheet HTML 5Page - ZETTLER Electronics AC-082AST Datasheet HTML 6Page - ZETTLER Electronics AC-082AST Datasheet HTML 7Page - ZETTLER Electronics AC-082AST Datasheet HTML 8Page - ZETTLER Electronics AC-082AST Datasheet HTML 9Page - ZETTLER Electronics AC-082AST Datasheet HTML 10Page - ZETTLER Electronics AC-082AST Datasheet HTML 11Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6
BLOCK DIAGRAM & INTERFACE
E
R/W
RS
DB0~DB7
VDD
VSS
KS0066
LCD Panel
8*2 Chars
COM
1-16
SEG 1-40
No.
Symbol
Function
1
VSS
Ground (0V)
2
VDD
Supply Voltage for Logic (+5V or +3.3V)
3
VO
Contrast Adjustment
4
RS
Data/Instruction Select
5
R/W
Read/Write Select
6
E
Enable Signal
7
DB0
Data Bus
8
DB1
Data Bus
9
DB2
Data Bus
10
DB3
Data Bus
11
DB4
Data Bus
12
DB5
Data Bus
13
DB6
Data Bus
14
DB7
Data Bus
Date : 2001/12/11
AMPIRE CO., LTD.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com