Electronic Components Datasheet Search
  English  ▼

X  

SM363FD Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # SM363FD
Description  Safety Module fused disconnect switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FD Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button SM363FD Datasheet HTML 9Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 10Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 11Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 12Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 13Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 14Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 15Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 16Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
319
Disconnects
Shafts - Twisted
Rotates handle 45°
0.47 x 0.47" (
12 x 12 mm)
Catalog
Shaft Length
Mounting Depth (1)
Number
in (mm)
in inches
For use on FD200J_ – FD400J_
BDS28045
11.0 (280)
10.2-14.5
BDS32545
12.8 (325)
12.0-16.3
BDS46545
18.3 (465)
17.5-21.9
For use on FD600J_ – FD800J_
BDS28045
11.0 (280)
11.2-14.0
BDS32545
12.8 (325)
13.0-15.8
BDS46545
18.3 (465)
18.5-21.3
(1) Mounting depth is the distance from the outside of the door to the
disconnect switch mounting plate. Shaft can be cut to desired length.
Shafts —
0.47 x 0.47" (
12 x 12 mm)
Catalog
Shaft Length
Mounting Depth(1)
Number
in (mm)
in inches
For use on FD200J_ – FD400J_
BDS220
8.7 (220)
7.9-12.2
BDS250
9.8 (250)
9.1-13.4
BDS280
11.0 (280)
10.2-14.5
BDS325
12.8 (325)
12.0-16.3
BDS395
15.6 (395)
14.8-19.1
BDS465
18.3 (465)
17.5-21.9
BDS535
21.1 (535)
20.3-24.6
For use on FD600J_ – FD800J_
BDS250
9.8 (250)
10.0-12.8
BDS280
11.0 (280)
11.2-14.0
BDS325
12.8 (325)
13.0-15.8
BDS395
15.6 (395)
15.8-18.6
BDS465
18.3 (465)
18.5-21.3
BDS535
21.1 (535)
21.1-24.1
(1) Mounting depth is the distance from the outside of the door to the
disconnect switch mounting plate. Shaft can be cut to desired length.
200-800A Base & DIN rail mount compact series fusible
disconnect switches
Handle - Pistol 200-800A UL fuse Class J, T, L
For a complete assembly, please select one of each:
• 1 switch
• 1 shaft
• 1 handle
• 1 terminal lug kit
FD600J3
FD800L3
BDS_
Switches 200—800A, 600V
UL General UL Fuse
Maximum Horsepower Rating
Catalog
Purpose
Type
Three Phase
Number
Poles
Amp Rating 600V
200V
208V
240V
480V
600V
FD200J2
2
200
J(1)
—
—
—
—
—
FD400J2
2
400
J(1)
—
—
—
—
—
FD600J2
2
600
J(1)
—
—
—
—
—
FD800L2
2
800
L
—
—
—
—
—
FD200J3
3
200
J(1)
50
50
60
125
150
FD400J3
3
400
J(1)
100
125
125
250
350
FD600J3
3
600
J(1)
150
150
200
400
500
FD800L3
3
800
L
200
200
250
500
600
FD200J4
4
200
J(1)
50
50
60
125
150
FD400J4
4
400
J(1)
100
125
125
250
350
FD600J4
4
600
J(1)
150
150
200
400
500
FD800L4
4
800
L
200
200
250
500
600
(1) J type fuse clips are standard. If 600V Type “T” clips are desired, please order a "T" type fuse adapter kit.
BDH114
BDTL25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com