Electronic Components Datasheet Search
  English  ▼

X  

SM363FD Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SM363FD
Description  Safety Module fused disconnect switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FD Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SM363FD Datasheet HTML 1Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 2Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 3Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 4Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 5Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 6Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 7Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 8Page - Cooper Bussmann, Inc. SM363FD Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
308
Disconnects
Safety Module™ fused disconnect switch
SM363 _ _
Cooper Bussmann® Safety Module™
Specifications
Description:
A fused disconnect featuring enhanced safety
features and use of the Cooper Bussmann® CUBEFuse®.
Optional rejection kits prevent overfusing 30 and 60 amp
circuits. Padlockable handle and door interlock provide safety
during maintenance procedures. Viewing window permits
viewing CUBEFuse permanent fuse indication status
without opening the door.
Poles:
3
Enclosures:
NEMA 1, 3R, 12 and 4X
Ratings:
Volts: — 600Vac
Amps: — 0-100A
SCCR: — 50kA
Agency Information:
CE, UL Listed and cUL Listed.
Features and Benefits
•
easyID™ fuse viewing window allows maintenance
personnel to quickly identify open fuses — without opening
the enclosure.
• Wide amp range in one unit provides installation flexibility —
one Safety Module™ covers 1-100A applications.
• Rejection kits prevent overfusing 30A and 60A circuits.
• Optional internal safety barrier covers all energized parts to
provide added protection against electrical hazards — even
with the enclosure door open.
Accessories
• Optional internal safety barriers
• Solid neutral terminal
• Auxiliary contacts
• Rejection kits for 30 and 60 amp applications
Catalog Numbers
Catalog
Amp
NEMA
Max. Hp Rating
Dimensions (in)**
Numbers*
Rating
Enclosure
240V
480V
600V
Height
Width
Depth
SCCR
SM363FG
100
1
20
40
50
16
8
5
50kA
SM363FR
100
3R
20
40
50
16
12
5
50kA
SM363FD
100
12
20
40
50
16
10
6
50kA
SM363FX
100
4XSS
20
40
50
16
12
6
50kA
* For safety barrier/rejection plate, add the suffix “B” to the catalog number, then add either; 1 for 30A, 2 for 60A or 3 for 100A. Example: SM363FGB3.
NEMA 1 enclosures also available in gray. To order, place suffix “G” to the end of catalog number. Example: SM363FGG.
NEMA 3R & 12 only available in gray.
** Does not include mounting tabs or handle. See Data Sheet for full dimensional data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com