Electronic Components Datasheet Search
  English  ▼

X  

UM0068 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0068
Description  USB low-speed evaluation board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0068 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0068 Datasheet HTML 5Page - STMicroelectronics UM0068 Datasheet HTML 6Page - STMicroelectronics UM0068 Datasheet HTML 7Page - STMicroelectronics UM0068 Datasheet HTML 8Page - STMicroelectronics UM0068 Datasheet HTML 9Page - STMicroelectronics UM0068 Datasheet HTML 10Page - STMicroelectronics UM0068 Datasheet HTML 11Page - STMicroelectronics UM0068 Datasheet HTML 12Page - STMicroelectronics UM0068 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UM0068
Getting started
7/15
Figure 2.
Device selection for analog-to-digital conversion
If you are using the analog trimmer, select the installed ST7 device using jumper W6 as
shown in Figure 2. This ties the analog trimmer to the PA0 I/O port of the ST7262xxx
devices and to the PB0 port of the ST7263Bxx devices. Any other analog input pin on the
microcontroller can be used by removing the W6 jumper and wiring the center pin of W6 to
the analog input.
The W7 jumper can be used to connect or disconnect an external 12V charge pump in case
you want to program the Flash.
1.4.3
Device selection
Three devices can be used with this board:
●
ST7263Bxx devices in SDIP32 package on the internal socket
●
ST7262xxx devices in SDIP42 package on the external socket
ST7262xxx
ST7263Bxx
W6 jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com