Electronic Components Datasheet Search
  English  ▼

X  

UM0068 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0068
Description  USB low-speed evaluation board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0068 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0068 Datasheet HTML 6Page - STMicroelectronics UM0068 Datasheet HTML 7Page - STMicroelectronics UM0068 Datasheet HTML 8Page - STMicroelectronics UM0068 Datasheet HTML 9Page - STMicroelectronics UM0068 Datasheet HTML 10Page - STMicroelectronics UM0068 Datasheet HTML 11Page - STMicroelectronics UM0068 Datasheet HTML 12Page - STMicroelectronics UM0068 Datasheet HTML 13Page - STMicroelectronics UM0068 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Running the USB low speed evaluation board
UM0068
8/15
2
Running the USB low speed evaluation board
2.1
Introduction
The USB low-speed evaluation board application consists of two main parts: a HID
demonstrator running on a PC and the evaluation board itself.
Communications between the PC and the ST7 board are done through different USB pipes:
●
Control IN and OUT during enumeration with the bi-directional Endpoint 0.
●
Interrupt IN from endpoint 1 for data transferred from the ST7 to the PC.
●
Interrupt OUT to endpoint 2 for the data transferred from the PC to the ST7. Note that
the Windows98 HID driver does not support interrupt OUT transfers, and automatically
uses the control OUT pipe to endpoint 0 instead (Set-Output function).
First connect the evaluation board to the PC with the USB cable. As a result, the evaluation
board is enumerated as an HID device as shown in Figure 3, and is ready to use.
Figure 3.
Enumeration result
When you start the HID demonstrator on the PC, a graphical interface is displayed (see
Figure 3) for controlling the evaluation board. This PC software is used to demonstrate the
enumeration process and data transfer between the PC and the ST7 peripheral according to
the USB HID class specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com