Electronic Components Datasheet Search
  English  ▼

X  

74ALS996 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALS996 Datasheet(HTML) 4 Page - Texas Instruments

  74ALS996 Datasheet HTML 1Page - Texas Instruments 74ALS996 Datasheet HTML 2Page - Texas Instruments 74ALS996 Datasheet HTML 3Page - Texas Instruments 74ALS996 Datasheet HTML 4Page - Texas Instruments 74ALS996 Datasheet HTML 5Page - Texas Instruments 74ALS996 Datasheet HTML 6Page - Texas Instruments 74ALS996 Datasheet HTML 7Page - Texas Instruments 74ALS996 Datasheet HTML 8Page - Texas Instruments 74ALS996 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
2–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54ALS996
SN74ALS996
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
All inputs
2
VIH
High-level input voltage
All inputs except OE, RD
2
V
OE, RD
2.2
VIL
Low-level input voltage
0.8
0.8
V
IOH
High level output current
Q
–1
– 2.6
mA
IOH
High-level output current
D
– 0.4
– 0.4
mA
Q
12
24
IOL
Low-level output current
Q
48†
mA
D
8
8
fclock
Clock frequency
0
35
0
35
MHZ
CLR low
10
10
tw
Pulse duration
CLK low
14.5
14.5
ns
CLK high
14.5
14.5
Data before CLK
↑
15
15
t
Setup time
EN low before CLK
↑
10
10
ns
tsu
Setup time
CLK high before EN
↑‡
15
15
ns
CLR high (inactive) before CLK
↑
10
10
Data after CLK
↑
1
0
th
Hold time
EN low after CLK
↑
5
5
ns
RD high after CLK
↑§
5
5
TA
Operating free-air temperature
–55
125
0
70
°C
† Applies only to the -1 version and only if VCC is maintained between 4.75 V and 5.25 V
‡ This setup time ensures that EN will not false clock the data register.
§ This hold time ensures that there will be no conflict on the input data bus.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com