Electronic Components Datasheet Search
  English  ▼

X  

74ALS996 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALS996 Datasheet(HTML) 1 Page - Texas Instruments

  74ALS996 Datasheet HTML 1Page - Texas Instruments 74ALS996 Datasheet HTML 2Page - Texas Instruments 74ALS996 Datasheet HTML 3Page - Texas Instruments 74ALS996 Datasheet HTML 4Page - Texas Instruments 74ALS996 Datasheet HTML 5Page - Texas Instruments 74ALS996 Datasheet HTML 6Page - Texas Instruments 74ALS996 Datasheet HTML 7Page - Texas Instruments 74ALS996 Datasheet HTML 8Page - Texas Instruments 74ALS996 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ALS996 . . . JT PACKAGE
SN74ALS996 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54ALS996 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1D
2D
3D
4D
5D
6D
7D
8D
EN
RD
CLK
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
OE
T/C
CLR
NC – No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
3Q
4Q
5Q
NC
6Q
7Q
8Q
4D
5D
6D
NC
7D
8D
EN
426
14 15 16 17 18
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 3-State I/O-Type Read-Back Inputs
• Bus-Structured Pinout
• T/C Determines True or Complementary
Data at Q Outputs
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
These 8-bit latches are designed specifically for
storing the contents of the input data bus and
providing the capability of reading back the stored
data onto the input data bus. The Q outputs are
designed with bus-driving capability.
The edge-triggered flip-flops enter the data on the
low-to-high transition of the clock (CLK) input
when the enable (EN) input is low. Data can be
read back onto the data inputs by taking the read
(RD) input low, in addition to having EN low. When
EN is high, both the read-back and write modes
are disabled. Transitions on EN should only be
made with CLK high to prevent false clocking.
The polarity of the Q outputs can be controlled by
the polarity (T/C) input. When T/C is high, Q is the
same as is stored in the flip-flops. When T/C is low,
the output data is inverted. The Q outputs can be
placed in the high-impedance state by taking the
output-enable (OE) input high. OE does not affect
the internal operation of the register. Old data can
be retained or new data can be entered while the
outputs are off.
A low level at the clear (CLR) input resets the
internal registers low. The clear function is
asynchronous and overrides all other register
functions.
The -1 version of the SN74ALS996 is identical to the standard version, except that the recommended maximum
IOL for the -1 version is increased to 48 mA. There is no -1 version of the SN54ALS996.
The SN54ALS996 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74ALS996 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ALS996

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ALS93 SS-74ALS93 Datasheet
412Kb / 5P
Advanced Low Power Schottky Logic
74ALS93 SS-74ALS93 Datasheet
334Kb / 5P
Advanced Low Power Schottky Logic
Rev 1.1 28/08/21
74ALS93 SS-74ALS93_V01 Datasheet
334Kb / 5P
Advanced Low Power Schottky Logic
Rev 1.1 28/08/21
More results

Similar Description - 74ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN54ALS996 TI1-SN54ALS996_15 Datasheet
673Kb / 17P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com