Electronic Components Datasheet Search
  English  ▼

X  

LTC4057 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4057
Description  Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4057 Datasheet(HTML) 1 Page - Linear Technology

  LTC4057 Datasheet HTML 1Page - Linear Technology LTC4057 Datasheet HTML 2Page - Linear Technology LTC4057 Datasheet HTML 3Page - Linear Technology LTC4057 Datasheet HTML 4Page - Linear Technology LTC4057 Datasheet HTML 5Page - Linear Technology LTC4057 Datasheet HTML 6Page - Linear Technology LTC4057 Datasheet HTML 7Page - Linear Technology LTC4057 Datasheet HTML 8Page - Linear Technology LTC4057 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4057-4.2
1
4057f
s
Programmable Charge Current up to 800mA
s
No External MOSFET, Sense Resistor or Blocking
Diode Required
s
Constant-Current/Constant-Voltage Operation with
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
s
Charges Single Cell Li-Ion Batteries Directly from
USB Port
s
Preset 4.2V Charge Voltage with
±1% Accuracy
s
Current Monitor Pin for Charge Termination
s
25
µA Supply Current in Shutdown Mode
s
Low Battery Charge Conditioning (Trickle Charging)
s
Soft-Start Limits Inrush Current
s
Available in a Low Profile (1mm) SOT-23 Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Linear Li-Ion Battery
Charger with Thermal
Regulation in ThinSOT
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Wireless PDAs
s
Cellular Phones
s
Portable Electronics
The LTC
®4057 is a constant-current/constant-voltage lin-
ear charger for single-cell lithium-ion batteries. Its
ThinSOT
TM package and low external component count
make the LTC4057 especially well suited for portable
applications. Furthermore, the LTC4057 is specifically
designed to work within USB power specifications.
No external sense resistor is needed and no blocking diode
is required due to the internal MOSFET architecture.
Thermal feedback prevents overheating by regulating the
charge current to limit the die temperature during high
power operation or high ambient temperature conditions.
The charge voltage is preset at 4.2V and the charge current
can be programmed externally with a single resistor.
When the input supply (wall adapter or USB supply) is
removed, the LTC4057 automatically enters a low current
state, dropping the battery drain current to less than 2
µA.
With power applied, the LTC4057 can be put into shut-
down mode, reducing the supply current to 25
µA.
For the standalone version (on-board charge termination)
of the LTC4057, refer to the LTC4054.
Charge Curve (750mAh Battery)
LTC4057-4.2
PROG
GND
1.65k
4057 TA01a
SHDN
BAT
VCC
ON OFF
1
µF
VIN
5V
600mA
1-CELL
4.2V Li-Ion
BATTERY
+
4
1
2
5
3
ThinSOT is a trademark of Linear Technology Corporation.
*U.S. Patent No. 6522118
TIME (HOURS)
0
700
600
500
400
300
200
100
0
4.75
4.5
4.25
4.0
3.75
3.5
3.25
3.0
4057 TA01b
0.5
0.25
0.75 1.0 1.25 1.5 1.75 2.0 2.25
CONSTANT
CURRENT
CONSTANT
POWER
CONSTANT
VOLTAGE
VCC = 5V
θJA = 130°C/W
RPROG = 1.65kΩ
TA = 25°C


Similar Part No. - LTC4057

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4057 LINEAR-LTC4057 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4057 LINER-LTC4057 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4057 LINER-LTC4057 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4057-4.2 LINER-LTC4057-4.2 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4057

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com