Electronic Components Datasheet Search
  English  ▼

X  

LTC4057 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4057
Description  Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4057 Datasheet(HTML) 3 Page - Linear Technology

  LTC4057 Datasheet HTML 1Page - Linear Technology LTC4057 Datasheet HTML 2Page - Linear Technology LTC4057 Datasheet HTML 3Page - Linear Technology LTC4057 Datasheet HTML 4Page - Linear Technology LTC4057 Datasheet HTML 5Page - Linear Technology LTC4057 Datasheet HTML 6Page - Linear Technology LTC4057 Datasheet HTML 7Page - Linear Technology LTC4057 Datasheet HTML 8Page - Linear Technology LTC4057 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4057-4.2
3
4057f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4057 is guaranteed to meet performance specifications from
0
°C to 70°C. Specifications over the –40°C to 85°C operating temperature
ELECTRICAL CHARACTERISTICS
range are assured by design, characterization and correlation with statistical
process controls.
Note 3: See Thermal Considerations.
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
4.0
1.015
1.010
1.005
1.000
0.995
0.990
0.985
4.5
5.0
5.5
6.0
4057 G01
6.5
7.0
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4057 G02
1.0100
1.0075
1.0050
1.0025
1.0000
0.9975
0.9950
0.9925
0.9900
VPROG (V)
0
600
500
400
300
200
100
0
0.25
0.50
0.75
1.00
4057 G03
1.25
VCC = 5V
VBAT = 4V
TA = 25°C
RPROG = 10k
VCC = 5V
VBAT = 4V
RPROG = 10k
VCC = 5V
TA = 25°C
RPROG = 2k
4057 G04
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
IBAT (mA)
0
100
200
300
400
500
700
600
VCC (V)
4.0
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.5
5.0
5.5
6.0
4057 G06
6.5
7.0
VCC = 5V
TA = 25°C
RPROG = 1.25k
TA = 25°C
RPROG = 10k
TEMPERATURE (
°C)
–50
100
050
–25
25
75
4.220
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.180
4057 G05
VCC = 5V
RPROG = 10k
PROG Pin Voltage vs Supply
Voltage (Constant Current Mode)
PROG Pin Voltage vs Temperature
(Constant Current Mode)
Charge Current vs PROG Pin
Voltage
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com