Electronic Components Datasheet Search
  English  ▼

X  

P2480 Datasheet(PDF) 2 Page - ETAL Group

Part # P2480
Description  DC-DC Converter Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2480 Datasheet(HTML) 2 Page - ETAL Group

  P2480 Datasheet HTML 1Page - ETAL Group P2480 Datasheet HTML 2Page - ETAL Group P2480 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P2480
ETALDOC 884/1
Page 2 of 3
June 2007
SPECIFICATIONS
Electrical
Values at T = 25ºC, unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Primary Inductance
10kHz 250mV 1-3
400
-
-
µH
Turns ratio
6-4 CT : 1-3 CT
-
1.3
-
-
DC resistance
1-3
6-4
-
-
-
-
0.95
1.25
Ω
Ω
ET product
1-3
-
27
-
Vµs
Dielectric strength
Pri : sec
1500
-
-
Vrms
Operating range
Ambient temperature
-40
-
+85
ºC
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Terminal plating JESD97 category = e2, tin-silver over nickel barrier.
Recommended reflow solder profile: 2 minutes @ 150-200ºC, 10 seconds @ 260ºC; time above 217ºC 60
seconds maximum
Connections
Fig. 2
Dimensions
Fig. 1
e2
7.6 max
0.60
5.08
ETAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com