Electronic Components Datasheet Search
  English  ▼

X  

P2480 Datasheet(PDF) 3 Page - ETAL Group

Part # P2480
Description  DC-DC Converter Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2480 Datasheet(HTML) 3 Page - ETAL Group

  P2480 Datasheet HTML 1Page - ETAL Group P2480 Datasheet HTML 2Page - ETAL Group P2480 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P2480
ETALDOC 884/1
Page 3 of 3
June 2007
COPYRIGHT
ABSOLUTE MAXIMUM RATINGS
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
1500Vrms
Storage temperature
-40ºC to
+100ºC
Operating temperature
-40ºC to
+85ºC
ETAL and P2480 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
MAX253 and MAX845 are trademarks of Maxim
Integrated Products, Inc.
Profec Technologies Ltd is the owner of the design
right under the Copyright Designs and Patents Act
1988 and no rights or licences are hereby granted
or implied to any third party.
© 2007 Profec Technologies Ltd.
Reproduction prohibited.
Soldering temperature profile peak
260ºC, 10s
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com