Electronic Components Datasheet Search
  English  ▼

X  

P2769 Datasheet(PDF) 3 Page - ETAL Group

Part # P2769
Description  MICROPROFILE PICK-OFF TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2769 Datasheet(HTML) 3 Page - ETAL Group

  P2769 Datasheet HTML 1Page - ETAL Group P2769 Datasheet HTML 2Page - ETAL Group P2769 Datasheet HTML 3Page - ETAL Group P2769 Datasheet HTML 4Page - ETAL Group P2769 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P2769
ETALDOC 332/14
Page 3 of 5
October 2007
Reference Circuit
In practice, the 100k
Ω load can be increased
without limit. The DC blocking capacitor should
be a minimum of 0.22µF to avoid resonance
within the voiceband to obtain a flat frequency
response and input impedance to specification.
40k
Ω APPLICATION CIRCUITS
For applications requiring impedance greater than 40kΩ for parallel-connected Terminal Equipment
(e.g. ETSI TS 103 021, ≥40kΩ, 200Hz – 4.3kHz) the following circuit may be helpful.
At the expense of a small loss, (approximately
1.5dBV) the circuit in fig. 3 provides an
impedance exceeding 40kΩ, 200Hz – 4.3kHz,
and frequency response flatness within ±0.25dB
over the same band.
Fig 2
100k
0.27µF
P2769
Fig 3
15k
33n
100k
P2769
Z > 40k
in
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com