Electronic Components Datasheet Search
  English  ▼

X  

P2769 Datasheet(PDF) 5 Page - ETAL Group

Part # P2769
Description  MICROPROFILE PICK-OFF TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2769 Datasheet(HTML) 5 Page - ETAL Group

  P2769 Datasheet HTML 1Page - ETAL Group P2769 Datasheet HTML 2Page - ETAL Group P2769 Datasheet HTML 3Page - ETAL Group P2769 Datasheet HTML 4Page - ETAL Group P2769 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P2769
ETALDOC 332/14
Page 5 of 5
October 2007
SAFETY
CERTIFICATION
Manufactured from materials conforming to
flammability requirements of UL94V-0.
Distance through reinforced insulation 0.4mm
minimum.
Creepage and clearances in circuit are 7mm
minimum where PCB pads do not exceed 3mmØ.
Construction
complies
with
IEC 60950-1,
EN 60950-1
and
UL 60950-1,
reinforced
insulation, 250Vrms maximum working voltage.
Certified by BSI to IEC 60950 Third Edition
(1999) (IEC CB Test Certificate No. GB592W)
sub-clauses 1.5, 1.5.1, 1.5.2, 2.9, 2.9.1, 2.9.2,
2.9.3, 2.9.4, 2.9.5, 2.10, 2.10.1, 2.10.2, 2.10.3,
2.10.3.1, 2.10.3.2, 2.10.4, 2.10.5, 2.10.5.1,
2.10.7, 2.10.8, 4.7, 4.7.3, 4.7.3.1, 4.7.3.4,
(Flammability Class V-0) ,5.2, 5.2.1, and 5.2.2 for
a maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 250Vrms
and a maximum operating temperature of +85°C
in Pollution Degree 2 environment, reinforced
insulation.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working
voltage 250Vrms, Pollution Degree 2, reinforced
insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
3.88kVrms, 5.5kV DC minimum.
All shipments
are supported by a Certificate of Conformity to
current applicable safety standards.
ORDERING CODE
P2769
TR = Tape and Reel
(Blank) = Bulk in tubes.
Carrier tape width 24mm,
500 parts per 13” reel.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com