Electronic Components Datasheet Search
  English  ▼

X  

P2822 Datasheet(PDF) 3 Page - ETAL Group

Part # P2822
Description  POWERLINE CARRIER ISOLATION TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2822 Datasheet(HTML) 3 Page - ETAL Group

  P2822 Datasheet HTML 1Page - ETAL Group P2822 Datasheet HTML 2Page - ETAL Group P2822 Datasheet HTML 3Page - ETAL Group P2822 Datasheet HTML 4Page - ETAL Group P2822 Datasheet HTML 5Page - ETAL Group P2822 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P2820, P2821, P2822, P2823
ETALDOC 345/10
Page 3 of 6
March 2006
Summary Specification
Voltage Isolation
4kVrms at 50Hz
Operating range
Ambient
Storage
Relative Humidity
-25 to +85ºC
-40 to +125ºC
to 95%
Typical lumped parameters as Fig. 5 referred to pins 1-3.
Parameter
Conditions
P2820
P2821
P2822
P2823
Units
Series resistance RS
(DCR+ AC resistance)
1V 100kHz
0.5
0.6
1.0
1.3
Ω
Leakage inductance
ΔL
1V 100kHz
14.4
22
46
58
µH
Shunt inductance LP
1V 100kHz
400
600
1200
1600
µH
Shunt loss RP
1V 100kHz
>20
>20
>20
>20
k
Ω
Turns ratio, N
1V 100kHz
1.67
3.22
3.15
3.00
Equivalent Circuit
Fig 5
IDEAL
1:N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com