Electronic Components Datasheet Search
  English  ▼

X  

P2822 Datasheet(PDF) 5 Page - ETAL Group

Part # P2822
Description  POWERLINE CARRIER ISOLATION TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2822 Datasheet(HTML) 5 Page - ETAL Group

  P2822 Datasheet HTML 1Page - ETAL Group P2822 Datasheet HTML 2Page - ETAL Group P2822 Datasheet HTML 3Page - ETAL Group P2822 Datasheet HTML 4Page - ETAL Group P2822 Datasheet HTML 5Page - ETAL Group P2822 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P2820, P2821, P2822, P2823
ETALDOC 345/10
Page 5 of 6
March 2006
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pad grid coincide within a tolerance circle of 0.3mmØ.
Windings may be used interchangeably a primary or secondary.
SAFETY
CERTIFICATION
Constructed in accordance with IEC 60950-1:2001,
EN 60950-1:2001 and UL 60950-1, first Edition,
reinforced insulation 250Vrms maximum working
voltage, flammability class V-0.
Distance through solid insulation 0.4mm minimum.
Creepage and clearances in circuit are 9mm
minimum where PCB pads do not exceed Ø3mm.
Certified under the IEC CB scheme (Certificate
DK-9431) to IEC 60950-1:2001, sub-clauses 1.5,
1.5.1, 1.5.2, 1.7, 1.7.1, 2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.10, 2.10.1, 2.10.2, 2.10.3, 2.10.3.1, 2.10.3.3,
2.10.4, 2.10.5, 2.10.5.1, 2.10.5.4, 4, 4.7, 4.7.1, 4.7.3,
4.7.3.1, 4.7.3.4, 5, 5.2, 5.2.1, and 5.2.2 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 250Vrms and a
maximum operating temperature of 85ºC in
Pollution
Degree
2
environments,
reinforced
insulation,
including
national
differences
for
Denmark, Finland, Germany, Norway, Sweden,
Switzerland, USA, Canada and UK.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working
voltage 250Vrms, Pollution Degree 2, reinforced
insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
3.88kVrms, 5.5kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
e2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com