Electronic Components Datasheet Search
  English  ▼

X  

P3000 Datasheet(PDF) 4 Page - ETAL Group

Part # P3000
Description  MICROPROFILE LINE ISOLATING HYBRID
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3000 Datasheet(HTML) 4 Page - ETAL Group

  P3000 Datasheet HTML 1Page - ETAL Group P3000 Datasheet HTML 2Page - ETAL Group P3000 Datasheet HTML 3Page - ETAL Group P3000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P3000
PROFORM 231/10
Page 4 of 4
May 2005
SAFETY
CERTIFICATION
Manufactured
from
materials
conforming
to
flammability requirements of UL94V-0.
Distance
through
reinforced
insulation
0.4mm
minimum.
Creepage and clearances in circuit are 7mm
minimum where PCB pads do not exceed 3mmØ.
Construction
complies
with
IEC 60950-1,
EN 60950-1 and UL 60950-1, reinforced insulation,
250Vrms maximum working voltage.
ABSOLUTE MAXIMUM RATINGS
(Ratings of components independent of circuit).
Short term isolation voltage (2s)
4.6 kVrms,
6.5kVDC
DC current
100
μA
Storage temperature
-40ºC to
+125ºC
Soldering temperature
Profile peak
260ºC
10s
Recommended peak body temperature 245ºC in
accordance with IPC/JEDEC J-STD-033.
Certified
by
BSI
to
IEC
950:1991/A4:1996
(IEC CB Test Certificate No. GB441W) sub-
clauses 1.5, 1.5.1, 1.5.3, 2.2, 2.2.2, 2.2.3, 2.2.4,
2.9.2, 2.9.3, 2.9.4, 2.9.6, 2.9.7, 4.4, 4.4.3.2 (class
V-0) and 5.3 for a maximum working voltage of
250Vrms, nominal mains supply voltage not
exceeding 250Vrms and a maximum operating
temperature of +85ºC in Pollution Degree 2
environment, reinforced insulation.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1,
First
Edition,
maximum
working
voltage 250Vrms, Pollution Degree 2, reinforced
insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
3.88kVrms, 5.5kV DC minimum.
All shipments
are supported by a Certificate of Conformity to
current applicable safety standards.
ORDERING CODE
INTELLECTUAL PROPERY RIGHTS
P3000
TR = Tape and Reel
(Blank) = Bulk in tubes.
Carrier tape width 32mm,
400 parts per 13” reel.
ETAL, and P3000 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
The concept, design and circuit embodiment of
components such as P3000 are patented. No
patent rights or licences to any circuits or products
described herein are implied or granted to any
third party.
British Patent No. 2270241 and 2283195
France Patent No. 9310408
European Patent No. 0725719
US Patent No. 5426697 and 5879598
Germany Patent No. DE 4329519
© 1997 - 2005 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com