Electronic Components Datasheet Search
  English  ▼

X  

P3000 Datasheet(PDF) 1 Page - ETAL Group

Part # P3000
Description  MICROPROFILE LINE ISOLATING HYBRID
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3000 Datasheet(HTML) 1 Page - ETAL Group

  P3000 Datasheet HTML 1Page - ETAL Group P3000 Datasheet HTML 2Page - ETAL Group P3000 Datasheet HTML 3Page - ETAL Group P3000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PROFORM 231/10
Page 1 of 4
May 2005
PRODUCT DATA SHEET
MICROPROFILE LINE ISOLATING
P3000
HYBRID
Features
Applications
∗ Surface mount
∗ V.34, V.90 and V.92 Modems
∗ Lead-free (Pb-free)
∗ Miniature DAA applications
∗ RoHS compliant
∗ Universal DAA applications
∗ 7mm seated height
∗ Notebook PC Fax/Modems
∗ Low loss
∗ CODEC interface
∗ Low Distortion
∗ 2-4 wire conversion
∗ IEC 950 and UL 60950 certified
∗ UL Recognized Component
DESCRIPTION
P3000 is a microprofile passive hybrid module for
applications where reinforced insulation is required.
It features fully vacuum encapsulated construction
using materials conforming to UL94V-0 flammability
requirements. The part is compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional placement and reflow.
P3000 performs the functions of reinforced safety
barrier (3750Vrms), telephone line matching and 2-4
wire conversion. This component is designed
specifically
for
high
speed
full-duplex
data
transmission where very low levels of distortion are
required. High performance is achieved by realizing
a very low noise floor at the receive port even when
the power sourced at the transmit port is high.
Circuit simplification is readily achieved as the
transmit, receive and line ports are fully floating and
galvanically isolated from each other.
P3000 is readily matched to complex reference
impedances. The transmit and receive frequency
responses are very flat (i.e. negligible 'twist') when
matched to complex impedances.
For best operation the module requires a transmit
drive from a high-quality low-impedance source
(«10
Ω), and a high impedance receive load (47kΩ
nominal). These impedances may be directly
provided by datapumps.
P3000 is also useful for voice applications
requiring
2-4
wire
conversion
as
its
port
impedances are particularly suitable for CODECs.
P3000 is certified to IEC 950 and UL 60950.
P3000 is a UL Recognized Component, and is
supported by an IEC CB Test Certificate.
Patented


Similar Part No. - P3000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P300006 E-SWITCH-P300006 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Teccor Electronics
P3000AA61 TECCOR-P3000AA61 Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P3000AA61L LITTELFUSE-P3000AA61L Datasheet
142Kb / 2P
SIDACtor
logo
Infineon Technologies A...
P3000ZL45X168 INFINEON-P3000ZL45X168 Datasheet
651Kb / 9P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-08-31
P3000ZL45X168HPSA1 INFINEON-P3000ZL45X168HPSA1 Datasheet
651Kb / 9P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-08-31
More results

Similar Description - P3000

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2781 ETAL-P2781 Datasheet
111Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
P2782 ETAL-P2782 Datasheet
113Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
P3081 ETAL-P3081 Datasheet
144Kb / 4P
MICROPROFILE LINE MATCHING TRANSFORMER
P3181 ETAL-P3181 Datasheet
108Kb / 5P
ULTRA LOW DISTORTION MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3188 ETAL-P3188 Datasheet
103Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3191 ETAL-P3191 Datasheet
94Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
ETAL Group
100SMD ETAL-100SMD Datasheet
145Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
300SMD ETAL-300SMD Datasheet
727Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
320SMD ETAL-320SMD Datasheet
733Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com