Electronic Components Datasheet Search
  English  ▼

X  

P3065 Datasheet(PDF) 4 Page - ETAL Group

Part # P3065
Description  LOW PROFILE LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3065 Datasheet(HTML) 4 Page - ETAL Group

  P3065 Datasheet HTML 1Page - ETAL Group P3065 Datasheet HTML 2Page - ETAL Group P3065 Datasheet HTML 3Page - ETAL Group P3065 Datasheet HTML 4Page - ETAL Group P3065 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P3065
ETALDOC 479/14
Page 4 of 5
February 2006
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
SAFETY
CERTIFICATION
Constructed in accordance with IEC 60950-1:2001,
EN60950-1:2001, and UL 60950-1 First Edition,
supplementary
insulation,
250Vrms
maximum
working voltage, flammability class V-0.
Distances
through
solid
insulation
0.4mm
minimum.
Certified under the IEC CB scheme (Certificate
DK-9431) to IEC 60950-1:2001, sub-clauses 1.5,
1.5.1, 1.5.2, 1.7, 1.7.1, 2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.10, 2.10.1, 2.10.2, 2.10.3, 2.10.3.1, 2.10.3.3,
2.10.4, 2.10.5, 2.10.5.1, 2.10.5.4, 4, 4.7, 4.7.1,
4.7.3, 4.7.3.1, 4.7.3.4, 5, 5.2, 5.2.1, and 5.2.2 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms and
a maximum operating temperature of 85ºC in
Pollution Degree 2 environments, supplementary
insulation,
including
national
differences
for
Denmark, Finland, Germany, Norway, Sweden,
Switzerland, USA, Canada and UK.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working voltage
250Vrms, Pollution Degree 2, reinforced insulation.
UL File number E203175.
Additionally,
Profec
Technologies
certifies
all
transformers
as
providing
voltage
isolation
of
3.88kVrms, 5.5kV DC minimum. All shipments are
supported by a Certificate of Conformity to current
applicable safety standards.
e2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com