Electronic Components Datasheet Search
  English  ▼

X  

P3065 Datasheet(PDF) 1 Page - ETAL Group

Part # P3065
Description  LOW PROFILE LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3065 Datasheet(HTML) 1 Page - ETAL Group

  P3065 Datasheet HTML 1Page - ETAL Group P3065 Datasheet HTML 2Page - ETAL Group P3065 Datasheet HTML 3Page - ETAL Group P3065 Datasheet HTML 4Page - ETAL Group P3065 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETALDOC 479/14
Page 1 of 5
February 2006
PRODUCT DATA SHEET
LOW PROFILE LINE
P3065
MATCHING TRANSFORMER
Features
Applications
∗ Low Distortion
∗ V.34 modems
∗ Lead-free (Pb-free)
∗ Data rates to 33.6kbps
∗ RoHS compliant
∗ Line matching
∗ Low Profile (11mm)
∗ Portable computers
∗ Vacuum encapsulated
∗ Fax/modems
∗ IEC 60950 and UL 60950 certified
∗ Instrumentation
∗ UL Recognized Component
∗ High Thermal Stability
DESCRIPTION
P3065 is intended for data communications to
33,600 bits/second data rates. P3065 is specifically
designed to be easily matched to both 600 ohm and
complex
impedance
telephone
lines,
using
a
minimum of external components.
P3065 also exhibits stable characteristics over its
operating temperature range to maximize data
throughput
under
varying
environmental
conditions without the need for modem retraining.
P3065 is certified to IEC 60950 and UL 60950.
P3065 is a UL Recognized Component, and is
supported by an IEC CB Test Certificate. The part
is completely lead-free, compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional processing.


Similar Part No. - P3065

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
For stud devices
logo
Ferroxcube Internationa...
P30 FERROXCUBE-P30 Datasheet
88Kb / 9P
P cores and accessories
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P30 MACOM-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
More results

Similar Description - P3065

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
LOW PROFILE LINE MATCHING TRANSFORMER
P3156 ETAL-P3156 Datasheet
122Kb / 4P
ULTRA LOW DISTORTION LOW PROFILE LINE MATCHING TRANSFORMER
P3302 ETAL-P3302 Datasheet
168Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3356 ETAL-P3356 Datasheet
191Kb / 6P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3801 ETAL-P3801 Datasheet
178Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5097 ETAL-P5097 Datasheet
108Kb / 4P
LOW DISTORTION LINE MATCHING TRANSFORMER
9025 ETAL-9025 Datasheet
166Kb / 4P
LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com