Electronic Components Datasheet Search
  English  ▼

X  

SN54AS869 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS869
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS869 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN54AS869 Datasheet HTML 8Page - Texas Instruments SN54AS869 Datasheet HTML 9Page - Texas Instruments SN54AS869 Datasheet HTML 10Page - Texas Instruments SN54AS869 Datasheet HTML 11Page - Texas Instruments SN54AS869 Datasheet HTML 12Page - Texas Instruments SN54AS869 Datasheet HTML 13Page - Texas Instruments SN54AS869 Datasheet HTML 14Page - Texas Instruments SN54AS869 Datasheet HTML 15Page - Texas Instruments SN54AS869 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS867
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS867
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54AS867
SN74AS867
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–2
–2
mA
IOL
Low-level output current
20
20
mA
fclock*
Clock frequency
0
40
0
50
MHz
tw(clock)*
Pulse duration, CLK high or low
12.5
10
ns
tw(clear)*
Pulse duration of clear pulse, S0 and S1 low
12.5
10
ns
Data inputs A – H
5
4
ENP or ENT
9
8
t
*
Set p time before CLK
↑
S0 low and S1 high (load)
11
10
ns
tsu*
Setup time before CLK
↑
S0 and S1 low (clear)
11
10
ns
S0 high and S1 low (count down)
42
40
S0 and S1 high (count up)
42
40
th*
Hold time after CLK
↑
Data inputs A – H
0
0
ns
tskew*
Skew time between S0 and S1
(maximum to avoid inadvertent clear)
8
7
ns
TA
Operating free-air temperature
–55
125
0
70
°C
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com