Electronic Components Datasheet Search
  English  ▼

X  

SN54AS869 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS869
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS869 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54AS869 Datasheet HTML 9Page - Texas Instruments SN54AS869 Datasheet HTML 10Page - Texas Instruments SN54AS869 Datasheet HTML 11Page - Texas Instruments SN54AS869 Datasheet HTML 12Page - Texas Instruments SN54AS869 Datasheet HTML 13Page - Texas Instruments SN54AS869 Datasheet HTML 14Page - Texas Instruments SN54AS869 Datasheet HTML 15Page - Texas Instruments SN54AS869 Datasheet HTML 16Page - Texas Instruments SN54AS869 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS867
SN74AS867
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
V
VOL
RCO
VCC = 4.5 V
IOL = 20 mA,
VIL on ENT = 0.7 V
0.34
0.5
V
OL
Other outputs
CC
IOL = 20 mA
0.34
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
ENT
VCC =5 5V
VI =2 7V
40
40
µA
IIH
Other inputs
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
ENT
VCC =5 5V
VI =0 4V
–4
–4
mA
IIL
Other inputs
VCC = 5.5 V,
VI = 0.4 V
–2
–2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
ICC
VCC = 5.5 V
134
195
134
195
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
SN54AS867
SN74AS867
MIN
MAX
MIN
MAX
fmax*
40
50
MHz
tPLH
CLK
RCO
5
31
5
22
ns
tPHL
CLK
RCO
6
19
6
16
ns
tPLH
CLK
Any Q
3
12
3
11
ns
tPHL
CLK
Any Q
4
16
4
15
ns
tPLH
ENT
RCO
3
19
3
10
ns
tPHL
ENT
RCO
5
21
5
17
ns
tPLH
ENP
RCO
5
16
5
14
ns
tPHL
ENP
RCO
5
21
5
17
ns
tPHL
Clear (S0 or S1 low)
Any Q
7
23
7
21
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com