Electronic Components Datasheet Search
  English  ▼

X  

P3191 Datasheet(PDF) 3 Page - ETAL Group

Part # P3191
Description  MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3191 Datasheet(HTML) 3 Page - ETAL Group

  P3191 Datasheet HTML 1Page - ETAL Group P3191 Datasheet HTML 2Page - ETAL Group P3191 Datasheet HTML 3Page - ETAL Group P3191 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3191
ETALDOC 590/10
Page 3 of 4
October 2007
MATCHING RECOMMENDATIONS
In practice, the 910
Ω load resistor will connect to a low output impedance TX driver. The 100nF capacitor
should appear in parallel with the 910
Ω load resistor (rather than in parallel with transformer winding) to
obtain optimum TX flatness to line.
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pad grid coincide within a tolerance circle of 0.3mm
∅.
Windings may be used interchangeably as primary or secondary.
Recommended Circ uit
Fig 2
430
LINE
600
μ
6.8 F
600
MATCH
Ω
EUROPEAN CTR21 COMPLEX MATCH
Recommended Circ uit
Fig 3
910
LINE
270
750
100n
15n
150nF
μ
2.2 F
2.54 2.54
13.0 max
(0.51)
9.0 max
(0.36)
7.0 max
(0.28)
(0.1) (0.1)
NOTE:
Dimensions shown are in millimetres (inches)
Dimensions
Fig 3
(0.06)
1.5
1.32
1.77
(0.052)
(0.07)
e3
Tolerance
0.3mm
Terminals electroplated pure tin (Sn) 5 m minimum.
JESD97 c ategory = e3.
Terminal size : 1.5 (0.06) long, 1.32 (0.05) wide
±
µ
Connections
Fig 4
1
2
3
4
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com