Electronic Components Datasheet Search
  English  ▼

X  

P3191 Datasheet(PDF) 1 Page - ETAL Group

Part # P3191
Description  MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3191 Datasheet(HTML) 1 Page - ETAL Group

  P3191 Datasheet HTML 1Page - ETAL Group P3191 Datasheet HTML 2Page - ETAL Group P3191 Datasheet HTML 3Page - ETAL Group P3191 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ETALDOC 590/10
Page 1 of 4
October 2007
PRODUCT DATA SHEET
MICROPROFILE SMD
P3191
LINE MATCHING TRANSFORMER
Features
Applications
∗ Surface Mount
∗ Telecommunications
∗ Lead-free (Pb-free)
∗ V.34 modems
∗ RoHS compliant
∗ Portable computers
∗ 7mm seated height
∗ Fax/Modems
∗ Vacuum encapsulated
∗ IEC 60950 and UL 60950 certified
∗ UL Recognized Component
∗ Simple 600Ω match
DESCRIPTION
P3191 is a low distortion microprofile transformer
for applications where high performance and safety
isolation to international standards are required in an
extremely small case size.
Designed specifically as a surface mount device, the
P3191 features a 7mm seated height and is offered
in the same package as the now familiar P2781.
The
part
is
compliant
with
RoHS
Directive
2002/95/EC,
and
suitable
for
lead-free
and
conventional placement and reflow.
Despite the subminiature size, the performance is
superior to that of much larger components.
The
P3191 offers reinforced insulation, is ideal for data
communications at high data rates, and can be
matched to both 600
Ω and complex impedance
telephone lines.
When
used
with
600
Ω lines no external
compensation components are required.
At moderate transmit power levels (e.g. -10dBm)
performance to 33,600 bits/second may be
achieved.
P3191 is certified to IEC 60950 and UL 60950.
P3191 is a UL Recognized Component, and is
supported an IEC CB Test Certificate.


Similar Part No. - P3191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P319 ETC2-P319 Datasheet
146Kb / 1P
SSMP MALE PCB EDGE MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P3190 ETAL-P3190 Datasheet
139Kb / 5P
MICROPROFILE PICK-OFF TRANSFORMER
P3190TR ETAL-P3190TR Datasheet
139Kb / 5P
MICROPROFILE PICK-OFF TRANSFORMER
More results

Similar Description - P3191

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2001 ETAL-P2001 Datasheet
123Kb / 5P
LINE MATCHING TRANSFORMER
P2781 ETAL-P2781 Datasheet
111Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
P2782 ETAL-P2782 Datasheet
113Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
LINE MATCHING TRANSFORMER
P3081 ETAL-P3081 Datasheet
144Kb / 4P
MICROPROFILE LINE MATCHING TRANSFORMER
P3181 ETAL-P3181 Datasheet
108Kb / 5P
ULTRA LOW DISTORTION MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3188 ETAL-P3188 Datasheet
103Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
100SMD ETAL-100SMD Datasheet
145Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
300SMD ETAL-300SMD Datasheet
727Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
320SMD ETAL-320SMD Datasheet
733Kb / 4P
MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com