Electronic Components Datasheet Search
  English  ▼

X  

P3304 Datasheet(PDF) 2 Page - ETAL Group

Part # P3304
Description  LOW INSERTION LOSS LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3304 Datasheet(HTML) 2 Page - ETAL Group

  P3304 Datasheet HTML 1Page - ETAL Group P3304 Datasheet HTML 2Page - ETAL Group P3304 Datasheet HTML 3Page - ETAL Group P3304 Datasheet HTML 4Page - ETAL Group P3304 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P3304
ETALDOC 772/3
Page 2 of 5
June 2005
SPECIFICATIONS
Electrical
At T = 25ºC and as test circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
(Corrected for ratio)
f = 2kHz
-
0.9
-
dB
Frequency Response
LF -3dB cutoff
HF -3dB cutoff
200Hz – 4kHz
-
-
-
30
90
-
-
-
±0.1
Hz
kHz
dB
Return Loss
200Hz – 4kHz
-
20
-
dB
Transhybrid Loss
200Hz – 4kHz
-
30
-
dB
Third Harmonic
Distortion
(1) (3)
300Hz 0dBm in line
600Hz -10dBm in line
-
-
-70
-95
-
-
dBm
dBm
Signal Handling
(3)
300Hz Pins 1-3
200Hz Pins 1-3
300Hz Pins 4-6
200Hz Pins 4-6
-
-
-
-
3.5
2.5
2.3
1.7
-
-
-
-
Vrms
Vrms
Vrms
Vrms
Voltage Isolation
(2)
50Hz
DC
2.12
3.0
-
-
-
-
kVrms
kV
Turns ratio
(5)
Pins 1-3 : 6-4
1.50
1.50
1.50
-
Operating Range:
Functional
Storage
0
-40
-
-
+70
+85
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance
(3)
Primary resistance RDCP
Secondary resistance RDCS
34
23
-
-
42
28
Ω
Ω
Leakage inductance,
ΔL
1.7
-
2.8
mH
Shunt inductance, Lp
(4)
10mV 200Hz
4
6
-
H
Shunt loss, Rp
(4)
10mV 200Hz
8
10
-
k
Ω
Notes:
1. Third
harmonic
typically
exceeds
other
harmonics by 10dB.
2. Components are 100% tested at 3.25kVDC.
3. Caution:
do not pass DC through windings.
Telephone line current must be diverted using
semiconductor line hold circuit or choke.
4. At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
5. Ratio is exact. For 1:1 version use P3303.
Equivalent Circuit
Fig. 1
IDEAL
1.5:1
½ L
½ L
R
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com