Electronic Components Datasheet Search
  English  ▼

X  

P3304 Datasheet(PDF) 4 Page - ETAL Group

Part # P3304
Description  LOW INSERTION LOSS LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3304 Datasheet(HTML) 4 Page - ETAL Group

  P3304 Datasheet HTML 1Page - ETAL Group P3304 Datasheet HTML 2Page - ETAL Group P3304 Datasheet HTML 3Page - ETAL Group P3304 Datasheet HTML 4Page - ETAL Group P3304 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P3304
ETALDOC 772/3
Page 4 of 5
June 2005
ENVIRONMENTAL TESTING
Reliability testing to IEC 68
Tested to clauses of IEC 68 and compliant with all functional and safety requirements following exposure as follows:
Test description IEC 68 reference
Test details
Result
Robustness of
terminations
68-2-21 Test Ua1
68-2-21 Test Ua2
Tensile 5N pull
Thrust 1N push
No impairment
No pin detachment or distortion
Solderability
68-2-20 Test Ta Method 1
Solder bath 235ºC 2s
Resistance to
soldering heat
68-2-20 Test Tb Method 1A
68-2-20 Test Tb Method 2
Solder bath 260ºC 10s
Soldering iron 350ºC 5s
No impairment
Finish smooth, bright and even
Vibration
68-2-6 Test Fc
Sweep 10-55-10Hz in 1 minute
Amplitude 1.5mm pk-pk
Duration 2h per axis, 3 axes
No impairment
Shock
68-2-27 Test Ea
Peak acceleration 1000m/s
2
Duration of pulse 6ms
3 shocks each direction on 3 axes
No impairment
Cold
68-2-1 Test Ab
-25ºC 16h
Recovery to ambient 1-2h
No impairment
Dry heat
68-2-2 Test Bb
125ºC 16h
Recovery to ambient 1-2h
No impairment
Damp heat
68-2-3 Test Ca
40ºC 4 days, RH 93%
Recovery to ambient 1-2h
No impairment
Change of
temperature
68-2-14 Test Na
TA –25ºC
TB +85ºC
t1 30 min
2 min ≤t2≤3 min
Recovery to ambient 1-2h
5 cycles
No impairment
Combined Environmental Reliability Testing (CERT)
Components step stressed at increasing levels of severity using combined stresses to detect potential
weaknesses.
Results are shown for highest levels of stress tested. Compliant with all functional and safety tests following
exposure as follows:
Test description
Test details
Duration
Result
Storage Test
Thermal cycling -30ºC to +100ºC at
11ºC/min
6mm pk 2-9Hz at 1 octave/min
20m/s
2 9-200Hz
20 mins per
plane
No impairment
Transportation Test
Thermal cycling -65ºC to +80ºC
Random vibration 10-200Hz and
200-2000Hz at 57m/s
2 RMS
2 hours per
plane
No impairment



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com