Electronic Components Datasheet Search
  English  ▼

X  

1333-FAA Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # 1333-FAA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1333-FAA Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button 1333-FAA Datasheet HTML 5Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 6Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 7Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 8Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 9Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 10Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 11Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 12Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
High Speed Fuses
Bussmann
Fuses in Allen-Bradley Drives
TECHNICAL LITERATURE
3/11/2002
(cont.)
Model 1336 IMPACT Adjustable Frequency AC Drive
0.37 - 597 kW (0.5 - 800 HP)
Maximum Short Circuit Rating is 200kA
Maximum Recommended AC Input Line Fuse Ratings (fuses are user supplied)
Drive Catalog
Rating
Use Bussmann Semiconductor Fuses
Number
kW
HP
200–240V
380–480V
500–600V
1336E-_ _ 300
224
300
FWP-500A
FWP-400A
1336E-_ _ P300
224
300
FWP-500A
1336E-_ _ 350
224
300
FWP-600A
FWP-450A
1336E-_ _ P350
261
350
FWP-600A
1336E-_ _ 400
298
400
FWP-600A
FWP-500A
1336E-_ _ P400
298
400
FWP-600A
1336E-_ _ 450
336
450
FWP-800A
FWP-600A
1336E-_ _ P450
336
450
FWP-700A
1336E-_ _ 500
373
500
FWP-800A
FWP-800A
1336E-_ _ 600
448
600
FWP-900A
FWP-800A
1336E-_ _ 650
485
650
FWP-800A
1336E-_ _ 700C
522
700
FWP-600A
{1}
FWP-700A
{1}
1336E-_ _ 800C
597
800
FWP-700A
{1}
FWP-700A
{1}
{1} Two Fuses in parallel are required.
Amps
Fuse Blocks
FWP
450 - 600
1BS104
700
BH-3145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com