Electronic Components Datasheet Search
  English  ▼

X  

1333-FAA Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # 1333-FAA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1333-FAA Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button 1333-FAA Datasheet HTML 9Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 10Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 11Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 12Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 13Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 14Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 15Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 16Page - Cooper Bussmann, Inc. 1333-FAA Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
High Speed Fuses
Bussmann
Fuses in Allen-Bradley Drives
TECHNICAL LITERATURE
3/11/2002
(cont.)
Model 1336 PLUS II Adjustable Frequency AC Drive
0.37 - 448 kW (0.5 - 600 HP)
Maximum Short Circuit Rating is 200kA
Maximum Recommended AC Input Line Fuse Ratings (fuses are user supplied)
Drive Catalog
Rating
Use Bussmann Semiconductor Fuses
Number
kW
HP
200–240V
380–480V
500–600V
1336F- _ _ BP/BPR250
187
250
FWP-450A
1336F- _ _ X250
187
250
FWP-450A
1336F- _ _ 300
224
300
FWP-450A
FWP-400A
1336F- _ _ BP/BPR300
224
300
FWP-500A
1336F- _ _ 350
261
350
FWP-500A
FWP-450A
1336F- _ _ BP/BPR350
261
350
FWP-600A
1336F- _ _ 400
298
400
FWP-600A
FWP-500A
1336F- _ _ BP/BPR400
298
400
FWP-600A
1336F- _ _ 450
336
450
FWP-800A
FWP-600A
1336F- _ _ BP/BPR450
336
450
FWP-700A
1336F- _ _ 500
373
500
FWP-800A
FWP-800A
1336F- _ _ 600
448
600
FWP-900A
FWP-800A
Amps
Fuse Blocks
FWP
450 - 600
1BS104
700
BH-3145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com