Electronic Components Datasheet Search
  English  ▼

X  

P5033 Datasheet(PDF) 4 Page - ETAL Group

Part # P5033
Description  ULTRA-LOW COST, LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5033 Datasheet(HTML) 4 Page - ETAL Group

  P5033 Datasheet HTML 1Page - ETAL Group P5033 Datasheet HTML 2Page - ETAL Group P5033 Datasheet HTML 3Page - ETAL Group P5033 Datasheet HTML 4Page - ETAL Group P5033 Datasheet HTML 5Page - ETAL Group P5033 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P5033
ETALDOC 779/5
Page 4 of 6
June 2005
Improved matching and hybrid
Insertion Loss (Line to RXA): 2.8dB @ 2kHz
Frequency Response : ±0.2dB 30Hz – 10kHz
Return Loss: 20dB 200Hz – 4kHz
Transhybrid Loss: 30dB 50Hz – 10kHz
Insertion Loss (Line to RXA): 2.2dB @ 2kHz
Frequency Response : ±0.5dB 50Hz – 4kHz
Return Loss: 20dB 200Hz – 4kHz
Transhybrid Loss: 18dB 200Hz – 4kHz
600
Ω Instrumentation
Insertion Loss: 1.5dB @ 2kHz
Frequency Response : ±0.2dB 20Hz – 20kHz
Return Loss: 16dB 20Hz – 20kHz
600Ω
Fig. 6
LINE
600
10nF
560
1k
1nF
10k
RXA
TXA2
TXA1
μ
22 F
10nF
1nF
LINE
270
(220)
750
(820)
μ
22 F
150nF
(120nF)
750
100nF*
* Note: 100nF capacitor should have a temperature stable dielectric
120
European CTR21/(Australia, etc.)
Fig. 7
RXA
TXA2
TXA1
1k
10k
μ
μ
47 F*
μ
47 F*
600Ω
Fig. 8
600Ω
600Ω
6.8nF
6.8nF
* If no DC block required, one of these capacitors can be removed and
the other set to 22 F, or, if preferred, both capa citors can be eliminated.
Patented



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com