Electronic Components Datasheet Search
  English  ▼

X  

P5033 Datasheet(PDF) 5 Page - ETAL Group

Part # P5033
Description  ULTRA-LOW COST, LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5033 Datasheet(HTML) 5 Page - ETAL Group

  P5033 Datasheet HTML 1Page - ETAL Group P5033 Datasheet HTML 2Page - ETAL Group P5033 Datasheet HTML 3Page - ETAL Group P5033 Datasheet HTML 4Page - ETAL Group P5033 Datasheet HTML 5Page - ETAL Group P5033 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P5033
ETALDOC 779/5
Page 5 of 6
June 2005
SAFETY
CERTIFICATION
Constructed in accordance with IEC 60950-1,
EN 60950-1
and
UL 60950-1,
supplementary
insulation for a primary circuit, 250Vrms maximum
working voltage, flammability class V-1.
Certified under the IEC CB scheme (Certificate
GB597W) to IEC 60950 Third Edition 1999 sub-
clauses 1.5, 1.5.1, 1.5.2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.9.4, 2.9.5, 2.10, 2.10.1, 2.10.2, 2.10.3,
2.10.3.1, 2.10.3.2, 2.10.4, 2.10.5, 2.10.5.1,
2.10.5.2, 2.10.5.4, 4.7, 4.7.3, 4.7.3.1, 4.7.3.4,
(Flammability Class V-1) ,5.2, 5.2.1, and 5.2.2 for
a maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms
and a maximum operating temperature of +85ºC
in
Pollution
Degree
2
environment,
supplementary insulation for a primary circuit.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working
voltage
250Vrms,
Pollution
Degree
2,
supplementary insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
Total weight typically 5.5g.
Patented
Connections
Dimensions
Fig 9
IDENT
Pin Ø
0.70mm (0.028) max
Finish: SnAg over Ni barrier. JESD97 category = e2.
NOTES:
Dimension “A” : 3.0 to 3.5mm (0.118 - 0.138)
e2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com