Electronic Components Datasheet Search
  English  ▼

X  

P5097 Datasheet(PDF) 3 Page - ETAL Group

Part # P5097
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5097 Datasheet(HTML) 3 Page - ETAL Group

  P5097 Datasheet HTML 1Page - ETAL Group P5097 Datasheet HTML 2Page - ETAL Group P5097 Datasheet HTML 3Page - ETAL Group P5097 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P5097
ETALDOC 778/5
Page 3 of 4
June 2005
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
Total weight typically 5.5g.
Patented
μ
22 F
600
Referenc e Circuit
Ω
Fig . 2
LINE
600
360
TXA2
TXA1
Connections
Dimensions
Fig 3
IDENT
Pin Ø
0.70mm (0.028) max
Finish: SnAg over Ni barrier. JESD97 c ategory = e2.
NOTES:
Dimension “A” : 3.2 to 3.7mm (0.125 - 0.145)
e2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com