Electronic Components Datasheet Search
  English  ▼

X  

P5097 Datasheet(PDF) 4 Page - ETAL Group

Part # P5097
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5097 Datasheet(HTML) 4 Page - ETAL Group

  P5097 Datasheet HTML 1Page - ETAL Group P5097 Datasheet HTML 2Page - ETAL Group P5097 Datasheet HTML 3Page - ETAL Group P5097 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P5097
ETALDOC 778/5
Page 4 of 4
June 2005
SAFETY
CERTIFICATION
Constructed
in
accordance
with
IEC 60950-1,
EN 60950-1
and
UL 60950-1,
supplementary
insulation for a primary circuit, 250Vrms maximum
working voltage, flammability class V-1.
Certified under the IEC CB scheme (Certificate
GB597W) to IEC 60950 Third Edition 1999 sub-
clauses 1.5, 1.5.1, 1.5.2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.9.4,
2.9.5,
2.10,
2.10.1,
2.10.2,
2.10.3,
2.10.3.1,
2.10.3.2,
2.10.4,
2.10.5,
2.10.5.1,
2.10.5.2, 2.10.5.4, 4.7, 4.7.3, 4.7.3.1, 4.7.3.4,
(Flammability Class V-1) ,5.2, 5.2.1, and 5.2.2 for
a maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms
and a maximum operating temperature of +85ºC
in
Pollution
Degree
2
environment,
supplementary insulation for a primary circuit.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1,
First
Edition,
maximum
working
voltage
250Vrms,
Pollution
Degree
2,
supplementary insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
ABSOLUTE MAXIMUM RATINGS
INTELLECTUAL PROPERTY RIGHTS
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
DC current
Storage temperature
Lead temperature, 10s
2.12kVrms,
3.0 kVDC
100
μA
-40ºC to
+85ºC
260ºC
ETAL and P5097 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
P5097 design and construction are protected by
patents.
British Patent No. 2333646.
US Patent Nos. 6,344,787; 6,690,254.
European Patent No. 1082734
China Patent No. ZL 99806739.3
Other patents pending.
© 1998 - 2005 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com