Electronic Components Datasheet Search
  English  ▼

X  

OSM Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # OSM
Description  Optical Switch Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OSM Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  OSM Datasheet HTML 1Page - JDS Uniphase Corporation OSM Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2007 Polatis Inc. All rights reserved. All information in this document is
provided for informational purposes only and is subject to change without notice.
Polatis Inc. assumes no liability for actions taken based on information contained herein.
ordering information
The part numbering scheme for Polatis products is as
follows:
The performance characteristics of the switch modules vary
according to the fiber count.
packaging information
perForMance speciFications
Fiber count Designator
c
D
Insertion Loss 1
<1.0dB
<1.4dB
Polarization Dependent Loss
<0.05dB
<0.1dB
Crosstalk
<-70dB
<-60dB
Operating Wavelength Range
1260-1625nm
Wavelength Dependent Loss
<0.3dB (C+L Band)
Repeatability
<±0.05dB
Return Loss 2
>55dB
Switching Time
<17ms
Maximum Optical Power 3
+27dBm
Switch Lifetime
108 cycles
Operating Temp (Normal)
+ 5° to +45°C, <85% RH non-condensing
Operating Temp (Extended)
-10° to +60°C, <90% RH non-condensing
Storage Temp (Normal)
-40° to +70°C, <40% RH non-condensing
Storage Temp (Extended)
-40° to +70°C, <95% RH non-condensing
Qualification (Normal)
Designed to meet EN60950
Qualification (Extended)
Designed to meet Telcordia GR1073
EN60950
All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized
source after thermal equalization unless stated.
1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A.
2. With APC connectors return loss >70dB without connectors.
3. Switch will operate on dark fiber.
Fiber Count
Environment
Module
Power
Dimensions (mm)
Dissipation
Normal
273
178
38
8-32
15W
Extended
260
170
38
Normal
310
230
120
33-64
25W
Extended
290
309
100
OSM - x - 1-RD
Fibers
4-32 Input
8-32 Reconfigurable
Fibers
4-32 Output
CC = Reconfigurable
Connector
L = LC
F = FC
C = SC
T = ST
U = MU
Polish
U = UPC
A = APC
Fiber
1 = Single mode 9/125µm
Interface
R = RS232
Protocol
S = SCPI
C = Command Line Interface
Power
D = DC
Environmental
N = Normal
E = Extended
Customization
S = Standard
V = Non-standard Variant
Fiber
Count
04
08
12
16
20
24
2832CC
04
C
C
C
C
D
D
DD-
08
C
C
C
C
D
D
DDD
12
C
C
C
C
D
D
DDD
16
C
C
C
C
D
D
DDD
20
D
D
D
D
D
D
DDD
24
D
D
D
D
D
D
DDD
28
D
D
D
D
D
D
DDD
32
D
D
D
D
D
D
DDD
For More inForMation
Visit our website: www.jdsu.com
E-mail us: sales@jdsu.com
Phone us:
North American Sales: 1 866 228 3762
Latin American Sales: +55 11 5503 3800
Asia Pacific Sales: +852 2892 0990
EMEA Sales: +49 7121 86 2222



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com