| Electronic Components Datasheet Search |
|
OSM Datasheet(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
OSM Datasheet(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 2 page ![]() High performance optical switch solutions Key Features applications optical switch Module osM optical switch Module The Polatis OSM family is a series of high performance, fully non-blocking optical switch modules. Designed for OEM integration, the OSM is an ideal product where small size and superior optical performance are required. All drive and control electronics are provided, with options for either serial RS-232 or a high speed interface. Easily integrated onto standard telecom blades, the small form-factor OSM forms the key element of a reconfigurable optical core. Whether used for hybrid OEO/OOO network switches, IP over optical or client-side switching, the OSM provides fast and reliable reconfiguration, with absolute minimal impact on pre-engineered loss budgets. The OSM is also well suited to integrated test systems and for component & module manufacturing test. The OSM is available in both symmetric (NxN) and asymmetric (MxN) port configurations, with package options allowing for either Normal or Extended operating environments. Directlight® technology All Polatis products are based on the patented DirectLight beam-steering technology, setting the benchmark for reliable, high performance switching. Polatis also offers multimode OSM and Reconfigurable single mode OSM products, as well as a range of rack- mount optical switch systems and standard backplane optical cards. • Compact size, easy to integrate • Fully integrated drive/control electronics • Extended environmental range • Ultra-low insertion loss • High signal stability • Low polarization dependent loss • Fast switching speed • High power handling • Dark fiber switching • Fully non-blocking • Bi-directional operation • RS232 interface • Hybrid OEO/OOO network switches • Network OEM system integration • ROADM • Automated manufacturing test • Client-side OOO switching • Remote network monitoring & test access • Network IP over optical routing • Automated component test • High power laser switching • RF over fiber • Shipboard communications • Secure communication networks |
Similar Part No. - OSM |
|
Similar Description - OSM |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |