Electronic Components Datasheet Search
  English  ▼

X  

SN74F151B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F151B
Description  1-OF-8 DATA SELECTORS/MULTIPLEXERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F151B Datasheet(HTML) 4 Page - Texas Instruments

  SN74F151B Datasheet HTML 1Page - Texas Instruments SN74F151B Datasheet HTML 2Page - Texas Instruments SN74F151B Datasheet HTML 3Page - Texas Instruments SN74F151B Datasheet HTML 4Page - Texas Instruments SN74F151B Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN54F151B, SN74F151B
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SDFS023A – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54F151B
SN74F151B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F151B
SN74F151B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICC
VCC = 5.5 V,
VI = 4.5 V
13.5
21
13.5
21
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
()
()
′F151B
SN54F151B
SN74F151B
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
ABor C
W
3.8
5.2
9
2
11.5
3.5
9.5
ns
tPHL
A, B, or C
W
2.9
4.3
7.5
2.6
8
2.7
7.5
ns
tPLH
ABor C
Y
4.5
6
10.5
4
13.5
4
12
ns
tPHL
A, B, or C
Y
4
5.6
9
3.6
9.5
3.6
9
ns
tPLH
G
W
3
4.1
6.1
3
7.5
3
7
ns
tPHL
G
W
2.8
3.5
6
2.5
6.5
2.5
6
ns
tPLH
G
Y
4.4
5.3
9.5
3.8
12
3.8
10.5
ns
tPHL
G
Y
3.5
4.5
7
3
8
3
7.5
ns
tPLH
Data
W
2.7
3.6
6.5
1.8
7.5
2.3
7
ns
tPHL
(any D)
W
1.2
1.9
4
1
6
1
5
ns
tPLH
Data
Y
2.9
3.7
6.5
2.4
8.5
2.5
7.5
ns
tPHL
(any D)
Y
3.3
4.2
7
2.1
9
2.6
7.5
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com