Electronic Components Datasheet Search
  English  ▼

X  

EDR515BTL Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # EDR515BTL
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR515BTL Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  EDR515BTL Datasheet HTML 1Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 2Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 3Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 4Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 5Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 6Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ACCESS PIN-TIA RECEIVERS FOR 155 MB/S AND 622 MB/S
Electrical Schematics
Pin
TIA
1 Output
3,4 GND (Case)
2 Vcc
1 Output
4 GND (Case)
3 V
cc
2 V
pd
TIA
4 GND (Case)
Pin
TIA
1 Output
3 Vcc
2 Output B
EDR 512C, EDR 515C
EDR 512B, EDR 515B
EDR 512D, EDR 515D
Access to photodiode current is provided.
Differential output is provided.
Typical Low Pass Noise Filter Design
for 155 Mb/s and 622 Mb/s
NOISE FILTER
PIN - TIA
TIA
0.1
µF
0.1
µF
10
µF
+V
cc
hv
NOISE FILTER
PIN - TIA
TIA
0.1
µF
0.1
µF
10
µF
+V
cc
hv
V out
0.1
µF
10
µF
V
PD
+5V
100-1K
Ω
V out
V out B
0.1
µF
NOISE FILTER
PIN - TIA
TIA
0.1
µF
0.1
µF
10
µF
+V
cc
hv
V out
L1
C1
C2
L1
C1
C2
C1
C2
L1
L2
EDR 512C, EDR 515C
EDR 512B, EDR 515B
EDR 512D, EDR 515D
Model
L1L2C1
C2
EDR 512B
150 nH
-
27 pF
27 pF
EDR 512C
150 nH
-
27 pF
27 pF
EDR 512D
120 nH
120 nH
18 pF
18 pF
EDR 515B
33 nH
-
10 pF
10 pF
EDR 515C
33 nH
-
10 pF
10 pF
EDR 515D
30 nH
30 nH
5.6 pF
5.6 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com