Electronic Components Datasheet Search
  English  ▼

X  

EDR515BTL Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # EDR515BTL
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR515BTL Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  EDR515BTL Datasheet HTML 1Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 2Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 3Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 4Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 5Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 6Page - JDS Uniphase Corporation EDR515BTL Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ACCESS PIN-TIA RECEIVERS FOR 155 MB/S AND 622 MB/S
EDR 512x Specifications
Parameter
EDR 512B
EDR 512C
EDR 512D
Gain1
Minimum
15 V/mW
15 V/mW
25 V/mW
Typical
20 V/mW
20 V/mW
35 V/mW
Bandwidth
Minimum
110 MHz
110 MHz
110 MHz
Typical
200 MHz
200 MHz
200 MHz
Sensitivity2
Typical
-38.0 dBm
-38.0 dBm
-38.5 dBm
Maximum
-36.0 dBm
-36.0 dBm
-36.5 dBm
Overload
Minimum
0 dBm
0 dBm
0 dBm
Typical
2 dBm
2 dBm
2 dBm
Output resistance
Typical
70
Ω
70
Ω
70
Ω
Maximum output voltage
Typical
400 mVpk-pk
400 mVpk-pk
800 mVpk-pk
AGC time constant
Typical
4000 µs
4000 µs
4000 µs
AGC threshold
Typical
2 µW
2 µW
2 µW
1. Measured at 100 MHz.
2. BER of 1E-10, 120 MHz noise filter.
(VCC = +5 V,TA = 25 °C, RL = 50
Ω (AC coupled),λ = 1300 nm.All specifications without connector.)
EDR 515x Specifications
Parameter
EDR 515B
EDR 515C
EDR 515D
Gain1
Minimum
1.7 V/mW
1.7 V/mW
3.0 V/mW
Typical
2.2 V/mW
2.2 V/mW
4.0 V/mW
Bandwidth
Minimum
415 MHz
415 MHz
415 MHz
Typical
500 MHz
500 MHz
500 MHz
Sensitivity2
Typical
-31.5 dBm
-31.5 dBm
-32.5 dBm
Maximum
-30.0 dBm
-30.0 dBm
-31.0 dBm
Overload
Minimum
-7.0 dBm
-7.0 dBm
-7.0 dBm
Maximum
-4.0 dBm
-4.0 dBm
-4.0 dBm
Output resistance
Minimum
45
Ω
45
Ω
45
Ω
Typical
60
Ω
60
Ω
60
Ω
Maximum
75
Ω
75
Ω
75
Ω
Maximum output voltage
Maximum
500 mVpk-pk
500 mVpk-pk
950 mVpk-pk
1. Measured at 300 MHz.
2. BER of 1E-10, 415 MHz noise filter.
(VCC = +3.3V,TA = 25 °C, RL = 50
Ω(ACcoupled),λ=1300nm.Allspecificationswithoutconnector.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com