Electronic Components Datasheet Search
  English  ▼

X  

GFFJSF2011N01 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # GFFJSF2011N01
Description  Thin Film Gain Flattening Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

GFFJSF2011N01 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  GFFJSF2011N01 Datasheet HTML 1Page - JDS Uniphase Corporation GFFJSF2011N01 Datasheet HTML 2Page - JDS Uniphase Corporation GFFJSF2011N01 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Deep profiles (> 20 dB)
• Steep profiles (> 2.5 dB/nm)
• Low error function
• Power handling up to 2000 mW
Gain flattening filters (GFFs) flatten the gain profile in optical amplifiers by
selectively removing excess power.
The JDSU thin film GFF offers an excellent match to the target loss profile with low
excess loss and error function, even for exceptionally deep (>20 dB) and steep GFF
(>2.5 dB/nm) profiles.
Customized thin film GFFs are available in the C, L, and S bands. All JDSU thin
film GFFs fulfill Telcordia GR-1221 requirements.
Applications
• Long-haul terrestrial
•Metro
• Raman
• C, L, and S band
Compliance
• Telcordia GR-1221
Thin Film Gain Flattening Filter
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - GFFJSF2011N01

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
GFFMG-S0015 OPLINK-GFFMG-S0015 Datasheet
265Kb / 2P
Green Gain Flattening Filter
More results

Similar Description - GFFJSF2011N01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
Thin Film on Silicon 2CFB T-Filter
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
logo
Bookham, Inc.
TFGFF0000000 BOOKHAM-TFGFF0000000 Datasheet
436Kb / 3P
Gain Flattening Filter Chips
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
Thin-Film Low Pass Filter
logo
List of Unclassifed Man...
TBL1608-245-M2 ETC2-TBL1608-245-M2 Datasheet
96Kb / 3P
Thin Film Chip LC Filter
logo
Abracon Corporation
ACMF-03 ABRACON-ACMF-03 Datasheet
1Mb / 3P
Thin Film Common Mode Filter
08.15.13
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
Thin Film Common Mode Filter
05.14.13
logo
OPLINK Communications I...
GFFMG-S0015 OPLINK-GFFMG-S0015 Datasheet
265Kb / 2P
Green Gain Flattening Filter
logo
AVX Corporation
LP0805A1842ASTR AVX-LP0805A1842ASTR Datasheet
124Kb / 3P
Thin-Film Low Pass Filter
logo
OPLINK Communications I...
MINI-GFFM OPLINK-MINI-GFFM Datasheet
233Kb / 2P
Mini Gain Flattening Filter for EDFA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com