Electronic Components Datasheet Search
  English  ▼

X  

GFFJSF2011N01 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # GFFJSF2011N01
Description  Thin Film Gain Flattening Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

GFFJSF2011N01 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  GFFJSF2011N01 Datasheet HTML 1Page - JDS Uniphase Corporation GFFJSF2011N01 Datasheet HTML 2Page - JDS Uniphase Corporation GFFJSF2011N01 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
ST is a registered trademark of Lucent Technologies.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2005 JDS Uniphase
Corporation. All rights reserved. 10133045 Rev. 005 10/05 GFF.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: GFFJLF2001N01
THIN FILM GAIN FLATTENING FILTER
Technology Code
Provided by JDSU upon
customer confirmation
Packaging Code
Provided by JDSU upon
customer confirmation
Location Code
Provided by JDSU upon
customer confirmation
Code
Passband
Wavelength Range
1
C+L band
2C+S band
CC band
LL band
SS band
GFF
Custom Code
Provided by JDSU upon
customer confirmation
Code
Connector Type
0None
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6Biconic
7D4
8
ST
9
FC/UPC
A
SC/UPC
BLC
CMU
Specifications
Parameter
Specification
Technology
Thin film filter
Wavelength
C, L or S band, bandwidths of up to 80 nm
Insertion loss
GFF target profile dependent (see application note on Thin Film GFF)
Error function (EF)
Peak-to-peak, GFF target profile dependent (see application note on Thin Film GFF)
Polarization dependent loss
Maximum
0.1 dB
Polarization mode dispersion
Maximum
0.1 ps
Operating temperature
0 to 70 °C
Storage temperature
-40 to 85 °C
Optical power
High power GFF
Maximum
2000 mW
Standard GFF
Maximum
500 mW
Package (D x L)
5.5 x 33.5 mm
Reviewed February 2007



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com