Electronic Components Datasheet Search
  English  ▼

X  

MD1S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MD1S
Description  0.8 AMP Single Phase Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MD1S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MD1S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MD1S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MD1S THRU MD7S
VOLTAGE 50V ~ 1000V
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
MDS
FEATURES
. RoHS Compliant Product
. Ideal for printed circuit board
. Reliable low cost construction utilizing molded
plastic technique
. High surge current capability
. Polarity: Symbol molded on body
. Mounting position:Any
. Weight: 0.12 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperatures unless otherwise specified.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
MD1S
MD2S
MD3S
MD4S
MD5S
MD6S
MD7S
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at Ta = 40
(Note1)
0.8
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
30
A
Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C.
1.0
V
Maximum DC Reverse Current
Ta = 25
5.0
at Rated DC Blocking Voltage
Ta = 125
500
µA
Typical Thermal Resistance R JA (Note2)
75
/W
Operating Temperature Range, TJ
-55 ~ +150
Storage Temperature Range, TSTG
-55 ~ +150
Notes:
1. Mounted on P.C. Board.
2. Thermal Resistance Junction to Ambient.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.157(4.0)
.106(2.7)
2.75(7.0)
MAX.
.008(0.2)
MAX.
.106(2.7)
.193(4.9)
.031(0.8)
.141(3.6)
.090(2.3)
.090(2.3)
.177(4.5)
.023(0.6)
+
~
~
.118(3.0)
MAX.
.043(1.1)
.027(0.7)
.043(1.1)
.027(0.7)
01-Jun-2002
Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MD1S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD1S RECTRON-MD1S Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
logo
DAESAN ELECTRONIC CORP.
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
WILLAS ELECTRONIC CORP
MD1S WILLAS-MD1S Datasheet
567Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - MD1S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MB4F WILLAS-MB4F Datasheet
517Kb / 3P
0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
AB1S GWSEMI-AB1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
AD1S GWSEMI-AD1S Datasheet
67Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MD1S GWSEMI-MD1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
0.8 Amp Surface Mount Bridge Rectifiers
logo
Thinki Semiconductor Co...
MB05S THINKISEMI-MB05S Datasheet
387Kb / 2P
0.8 Amp Surface Mount Single Phase Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com