Electronic Components Datasheet Search
  English  ▼

X  

MD1S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MD1S
Description  0.8 AMP Single Phase Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MD1S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MD1S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MD1S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MD1S THRU MD7S
VOLTAGE 50V ~ 1000V
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES (MD1S THRU MD7S)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.1
1.0
.01
10
50
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100 120 140
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
AMBIENT TEMPERATURE ( C)
DERATING CURVE
0
25
50
75
100 125
150
175
Tj=25 C
0.1
1.0
.01
10
50
FIG .3-T Y P IC AL FOR WAR D
C HAR AC T E R IS T IC S
FOR WAR D V OLTAG E ,(V )
P ulse Width 300us
1% Duty C ycle
0
.2.4.6.8
1.0
1.2
1.4
3.0
Tj=25 C
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
01-Jun-2002
Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com