Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5221B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5221B
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5221B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5221B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MMBZ52xxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
01-June-2005 Rev. B
Page 3 of 4
CHARACTERISTIC CURVES
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
1000
100
10
1
10
1
BIASAT
50% OF VZ NOM
0VBIAS
1VBIAS
T=25 C
A
o
100
10
1
10
100
0.6
0.5
0.4
0.3
0.2
0.1
0
125
100
75
50
25
0
T=25 C
A
O
150
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.5 STEADY STATE POWER DERATING
Fig.6 TYPICAL CAPACITANCE
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
TEMPERATURE ( C)
O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com