Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5221B Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5221B
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5221B Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5221B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ5221B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
MMBZ52xxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
01-June-2005 Rev. B
Page 4 of 4
CHARACTERISTIC CURVES (cont’d)
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
O
+25 C
O
-55 C
O
Fig.9 TYPICAL LEAKAGE CURRENT
NORMAL ZENER VOLTAGE, VOLTS
Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
ZENER VOLTAGE, VOLTS
ZENER VOLTAGE, VOLTS
0
10
-5
10
-4
10
-3
10
-2
10
-1
2
4
68
10
12
2.4V
3.0V
4.7V
6.8V
10V
15V
10
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
15
20
25
30
35
40
45
30V
39V
20V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com