Electronic Components Datasheet Search
  English  ▼

X  

SN54HC161 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC161
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC161 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN54HC161 Datasheet HTML 8Page - Texas Instruments SN54HC161 Datasheet HTML 9Page - Texas Instruments SN54HC161 Datasheet HTML 10Page - Texas Instruments SN54HC161 Datasheet HTML 11Page - Texas Instruments SN54HC161 Datasheet HTML 12Page - Texas Instruments SN54HC161 Datasheet HTML 13Page - Texas Instruments SN54HC161 Datasheet HTML 14Page - Texas Instruments SN54HC161 Datasheet HTML 15Page - Texas Instruments SN54HC161 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SN54HC161, SN74HC161
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS297D − JANUARY 1996 − REVISED SEPTEMBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The glitch on RCO is caused because the propagation delay of the rising edge of QA of the second stage is
shorter than the propagation delay of the falling edge of ENT. RCO is the product of ENT, QA, QB, QC, and QD
(ENT
× QA × QB × QC × QD). The resulting glitch is about 7−12 ns in duration. Figure 3 shows the condition in
which the glitch occurs. For simplicity, only two stages are being considered, but the results can be applied to
other stages. QB, QC, and QD of the first and second stage are at logic one, and QA of both stages are at logic
zero (1110 1110) after the first clock pulse. On the rising edge of the second clock pulse, QA and RCO of the
first stage go high. On the rising edge of the third clock pulse, QA and RCO of the first stage return to a low level,
and QA of the second stage goes to a high level. At this time, the glitch on RCO of the second stage appears
because of the race condition inside the chip.
12
3
4
5
CLK
ENT1
QB1, QC1, QD1
QA1
RCO1, ENT2
QB2, QC2, QD2
QA2
RCO2
Glitch (7−12 ns)
Figure 3
The glitch causes a problem in the next stage (stage three) if the glitch is still present when the next rising clock
edge appears (clock pulse 4). To ensure that this does not happen, the clock frequency must be less than the
inverse of the sum of the clock-to-RCO propagation delay and the glitch duration (tg). In other words,
fmax = 1/(tpd CLK-to-RCO + tg). For example, at 25°C at 4.5-V VCC, the clock-to-RCO propagation delay is
43 ns and the maximum duration of the glitch is 12 ns. Therefore, the maximum clock frequency that the
cascaded counters can use is 18 MHz. The following tables contain the fclock, tw, and fmax specifications for
applications that use more than two ’HC161 devices cascaded together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com