Electronic Components Datasheet Search
  English  ▼

X  

SN54HC161J Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC161J
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC161J Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54HC161J Datasheet HTML 4Page - Texas Instruments SN54HC161J Datasheet HTML 5Page - Texas Instruments SN54HC161J Datasheet HTML 6Page - Texas Instruments SN54HC161J Datasheet HTML 7Page - Texas Instruments SN54HC161J Datasheet HTML 8Page - Texas Instruments SN54HC161J Datasheet HTML 9Page - Texas Instruments SN54HC161J Datasheet HTML 10Page - Texas Instruments SN54HC161J Datasheet HTML 11Page - Texas Instruments SN54HC161J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN54HC161, SN74HC161
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS297D − JANUARY 1996 − REVISED SEPTEMBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC161
SN74HC161
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
14
4.2
5
fmax
4.5 V
31
40
21
25
MHz
fmax
6 V
36
44
25
29
MHz
2 V
83
215
325
270
RCO
4.5 V
24
43
65
54
CLK
RCO
6 V
20
37
55
46
CLK
2 V
80
205
310
255
tpd
Any Q
4.5 V
25
41
62
51
ns
tpd
Any Q
6 V
21
35
53
43
ns
2 V
62
195
295
245
ENT
RCO
4.5 V
17
39
59
49
ENT
RCO
6 V
14
33
50
42
2 V
105
210
315
265
Any Q
4.5 V
21
42
63
53
tPHL
CLR
Any Q
6 V
18
36
54
45
ns
tPHL
CLR
2 V
110
220
330
275
ns
RCO
4.5 V
22
44
66
55
RCO
6 V
19
37
56
47
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com